PART |
Description |
Maker |
10-33-1022 |
HEADER,RT ANG,.200" CTR,TH 2 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc.
|
M80-5T10222M1-02-331-00-000 |
Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, Jackscrews, 2 x 3mm PC Tail signal contacts, 2 x 3.5mm PC Tail Power contacts 4 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC HARWIN INC
|
M80-5L1040500-00-000-04-333 |
Datamate 2-Row Mix-Tek Male Horizontal PC Tail Connector, No jackscrews, 4 x 3mm PC Tail signal contacts, 4 x 3.5mm PC Tail Power contacts 8 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
M80-5L20622M1-03-334-03-334 |
Datamate 2-Row Mix-Tek Male Horizontal PC Tail Connector, Jackscrews, 6 x 4.5mm PC Tail signal contacts, 6 x 5mm PC Tail Power contacts 12 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
|
Harwin PLC
|
CRIMPFOX-HCM-50-OHM |
Crimping pliers, for coaxial, male and female contacts acc. to DIN 41626, contacts HC-M-04-STKOAX-and HC-M-04-BU-KOAX-... 50 and 75 Ohms respectively
|
PHOENIX CONTACT
|
M80-5T1060500-06-331-02-311 |
Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, No jackscrews, 6 x 3mm PC Tail signal contacts, 6 x 3.5mm PC Tail Power contacts and 2 x 3mm PC Tail Coax contacts
|
HARWIN INC
|
39-29-9049 39-29-9104 39-29-9109 39-29-9147 39-29- |
CONN HDR VERT PCB MT 4POS 8AMPS 4 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Header; No. of Contacts:10; Pitch Spacing:0.165"; No. of Rows:2; Series:Mini-Fit Jr. 5566; Body Material:Nylon 6/6 10 CONTACT(S), MALE, POWER CONNECTOR, SOLDER CONNECTOR - 10 PIN, MINI-FIT JR 10 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Header; No. of Contacts:14; Pitch Spacing:0.165"; No. of Rows:2; Series:Mini-Fit Jr. 5566; Body Material:Nylon 6/6 14 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Header; No. of Contacts:12; Pitch Spacing:0.165"; No. of Rows:2; Series:Mini-Fit Jr. 5566; Body Material:Nylon 6/6 12 CONTACT(S), MALE, POWER CONNECTOR, SOLDER CONN,12-POS MOLEX HEADER, DUAL ROW, VERTICAL, GOLD, W/PEGS & DRAIN HOLES 12 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Header; No. of Contacts:18; Pitch Spacing:0.165"; No. of Rows:2; Series:Mini-Fit Jr. 5566; Body Material:Nylon 6/6 RoHS Compliant: Yes 18 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Header; No. of Contacts:20; Pitch Spacing:0.165"; No. of Rows:2; Series:Mini-Fit Jr. 5566; Body Material:Nylon 6/6 RoHS Compliant: Yes 20 CONTACT(S), MALE, POWER CONNECTOR, SOLDER MINI-FIT JR. VERTICAL HEADER ASSEMBLIES WITH MOUNTING PEGS Header Connector,PCB Mnt,PLUG,6 Contacts,SKT,0.165 Pitch,PC TAIL Terminal,POLARIZED LCK 6 CONTACT(S), MALE, POWER CONNECTOR, SOLDER MiniFitJrHdr Vt DR W/Pgs 30Au V-2 14Ckt 14 CONTACT(S), MALE, POWER CONNECTOR, SOLDER A-5566-04AGS 4 CONTACT(S), MALE, POWER CONNECTOR, SOLDER 39299169 16 CONTACT(S), MALE, POWER CONNECTOR, SOLDER
|
Molex, Inc. Molex Electronics Ltd. MOLEX INC
|
44472-2453 44472-2252 44472-0253 44472-1253 44472- |
PCB Connector; No. of Contacts:24; No. of Rows:2 24 CONTACT(S), MALE, POWER CONNECTOR, SOLDER 22CKT MINIFIT VER S/R & D/R HCS HDR ASSY 22 CONTACT(S), MALE, POWER CONNECTOR, SOLDER MiniFit HCS DR V/Pegs V-0 /DH 2Ckt 2 CONTACT(S), MALE, POWER CONNECTOR, SOLDER MiniFit HCS DR V/Pegs V-0 /DH 12Ckt 12 CONTACT(S), MALE, POWER CONNECTOR, SOLDER MiniFit HCS DR V/Pegs V-2 /DH 18Ckt 18 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,16 Contacts,PIN,0.165 Pitch,PC TAIL Terminal,POLARIZED LCK 16 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,20 Contacts,PIN,0.165 Pitch,PC TAIL Terminal,POLARIZED LCK RoHS Compliant: Yes 20 CONTACT(S), MALE, POWER CONNECTOR, SOLDER MiniFit HCS DR Vert V-2 20Ckt 20 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Mini-Fit HCS Hdr Assy 22Ckt Tin V-0 22 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,10 Contacts,PIN,0.165 Pitch,PC TAIL Terminal,POLARIZED LCK 10 CONTACT(S), MALE, POWER CONNECTOR, SOLDER MiniFit HCS DR V/Pegs V-2 /DH 4Ckt 4 CONTACT(S), MALE, POWER CONNECTOR, SOLDER MiniFit HCS DR Vert V-0 10Ckt 10 CONTACT(S), MALE, POWER CONNECTOR, SOLDER 444721052 10 CONTACT(S), MALE, POWER CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,24 Contacts,PIN,0.165 Pitch,PC TAIL Terminal,POLARIZED LCK RoHS Compliant: Yes
|
Molex, Inc. MOLEX INC
|
M80-5T102M2-22-331 |
Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, Jackscrews 3.5mm board mount, 2 x 3mm PC Tail signal contacts, 4 x 3.5mm PC Tail Power contacts
|
HARWIN INC
|
M80-5T22442M3-03-312-00-000 |
Datamate 2-Row Mix-Tek Male Vertical PC Tail Connector, Jackscrews 5mm board mount, 24 x 3mm PC Tail signal contacts, 3 x 4.5mm PC Tail Coax contacts
|
HARWIN INC
|
10-88-1105 10-89-1246 10-89-1667 10-88-1526 10-89- |
Header; No. of Contacts:10; Pitch Spacing:2.54mm; No. of Rows:2; Series:C-Grid; Connector Body Material:Polyester; Mounting Type:PC Board; Terminal Type:Right Angle Pin 10 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,24 Contacts,PIN,0.1 Pitch,R ANGLE PC TAIL Terminal 24 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 66 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 52 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 68 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,8 Contacts,PIN,0.1 Pitch,R ANGLE PC TAIL Terminal 50 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc. MOLEX INC
|
|